Part Number Hot Search : 
S30D40C MAX199 BUZ32 AMC71 74LS36 ZMY4V7 19AIP SGPD2BS
Product Description
Full Text Search
 

To Download CDBB1100-HF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  s m d s c h o t t k y b a r r i e r r e c t i f i e r s reverse v oltage: 40 to 100 v olts forward current: 1.0 amp rohs device page 1 rev :b cdbb140-hf thru. cdbb1 100-hf qw -jb018 comchip t echnology co., l td. features -ultra high-speed switching. mechanical data -low profile surface mount applications in order to optimize board space. -low power loss, high ef ficiency . -high current capability , low forward voltage drop. -high surge capability . -guard ring for overvoltage protection. -silicon epitaxial planar chip,metal silicon junction. forward surge current reverse current storage temperature a a ma parameter conditions on rate load (jedec method) 8.3ms single half sine-wave superimposed forward rectified current see fig.1 thermal resistance diode junction capacitance v r =v rrm t a =25c v r =v rrm t a =100c f=1mh z and applied 4v dc reverse v oltage junction to ambient symbol i o i fsm i r r ja c j t stg i r min. typ . max. ma c/w pf c 1.0 30 0.5 20 88 120 -50 +175 units -case: molded plastic, do-214aa / smb -t erminals: solderable per mil-std-750, method 2026. -polarity: indicated by cathode band. -weight: 0.091 grams -epoxy: ul94-v0 rate flame retardant. maximum ratings and electrical characteristics ratings at t a=25c unless otherwise noted. single phase, half wave, 60hz, resistive or inductive loaded. for capacitive load, derate current by 20% . halogen free max. repetitive peak reverse voltage max. dc blocking voltage max. rms voltage units symbol parameter v rrm v dc v rms v v v max. instantaneous forward voltage @ 1.0a, t a =25c v f cdbb 140-hf 40 40 28 0.50 cdbb 160-hf 60 60 42 0.70 cdbb 1 100-hf 100 100 70 0.81 v operating t emperature t j -50 to +150 c d i m e n s i o n s i n i n c h e s a n d ( m i l l i m e t e r ) d o - 2 1 4 a a ( s m b ) 0 . 1 2 6 ( 3 . 2 0 ) 0 . 0 7 8 ( 1 . 9 9 ) 0 . 0 8 7 ( 2 . 2 0 ) 0 . 0 7 1 ( 1 . 8 0 ) 0 . 1 5 7 ( 4 . 0 0 ) 0 . 1 3 0 ( 3 . 3 0 ) 0 . 1 9 1 ( 4 . 8 5 ) 0 . 1 5 7 ( 4 . 0 0 ) 0 . 0 1 2 ( 0 . 3 1 ) m a x . 0 . 2 2 0 ( 5 . 6 0 ) 0 . 1 9 7 ( 5 . 0 0 ) 0 . 0 6 3 ( 1 . 6 0 ) 0 . 0 2 8 ( 0 . 7 0 ) 0 . 0 0 8 ( 0 . 2 1 ) m a x . company reserves the right to improve product design , functions and reliability without notice.
comchip t echnology co., l td. page 2 rev :b s m d s c h o t t k y b a r r i e r r e c t i f i e r s ra ting and characteristic cur ves (cdbb140-hf thru. cdbb1 100-hf) percent of rated peak reverse v oltage, (%) 200 120 80 160 0 fig.5- t ypical reverse characteristics 0.01 0.1 1 10 100 forward v oltage, (v) 0.1 0.01 0.1 1.0 10 100 0.9 reverse v oltage, (v) ambient t emperature, (c) 0 0.6 0.8 1.1 1.5 0 100 175 0.2 1.2 40 0.5 1.3 0.4 t j =125c t j =25c number of cycles at 60hz 25 50 75 150 125 1.0 a v e r a g e f o r w a r d c u r r e n t , ( a ) p u ls e w id th 3 0 0 u s 1 % d u ty c y c le t j = 2 5 c 0.7 0.3 r e v e r s e l e a k a g e c u r r e n t , ( m a ) j u n c t i o n c a p a c i t a n c e , ( p f ) 0 18 30 1 10 100 6 24 12 o t j =25 c 8.3ms single half sine wave, jedec method 0.01 0 100 350 1 10 100 0.1 50 200 150 300 250 fig.1 - t ypical forward current derating curve fig.2 - t ypical forward characteristics i n s t a n t a n e o u s f o r w a r d c u r r e n t , ( a ) fig.3 - maximum non-repetitive forward surge current fig.4 - t ypical junction capacitance p e a k f o r w a r d s u r g e c u r r e n t , ( a ) qw -jb018 c d b b 1 4 0 - h f c d b b 1 1 0 0 - h f c d b b 1 6 0 - h f company reserves the right to improve product design , functions and reliability without notice.
comchip t echnology co., l td. page 3 rev :b s m d s c h o t t k y b a r r i e r r e c t i f i e r s b c d d d 2 d 1 s y m b o l a ( m m ) ( i n c h ) 1 . 9 6 9 m i n . 8 . 0 0 0 . 1 0 1 . 5 0 0 . 1 0 5 0 . 0 m i n . 1 3 . 5 0 0 . 5 0 4 . 0 0 0 . 1 0 2 . 0 0 0 . 1 0 1 2 . 0 0 . 3 0 1 8 . 4 1 . 0 0 3 3 0 2 . 0 0 0 . 0 5 9 0 . 0 0 4 1 2 . 9 9 0 . 0 7 9 0 . 5 3 1 0 . 0 2 0 s y m b o l ( m m ) ( i n c h ) 0 . 3 1 5 0 . 0 0 4 0 . 1 5 7 0 . 0 0 4 0 . 0 7 9 0 . 0 0 4 0 . 7 2 4 0 . 0 4 0 e f p p 0 p 1 w w 1 1 . 7 5 0 . 1 0 0 . 0 6 9 0 . 0 0 4 5 . 5 0 0 . 1 0 0 . 2 1 7 0 . 0 0 4 4 . 0 0 0 . 1 0 0 . 1 5 7 0 . 0 0 4 5 . 9 0 0 . 1 0 0 . 2 3 2 0 . 0 0 4 3 . 0 0 0 . 1 0 0 . 1 1 8 0 . 0 0 4 0 . 6 0 0 . 1 0 0 . 2 3 6 0 . 0 0 4 t 0 . 4 7 2 0 . 0 1 2 ( s m b ) d o - 2 1 4 a a ( s m b ) d o - 2 1 4 a a reel t aping specification o 1 2 0 t railer device leader 10 pitches (min) 10 pitches (min) ....... ....... ....... ....... ....... ....... ....... ....... end start t c direction of feed i n d e x h o l e d e f b w p p 0 p 1 a d 1 d 2 d w 1 qw -jb018 company reserves the right to improve product design , functions and reliability without notice.
comchip t echnology co., l td. page 4 rev :b s m d s c h o t t k y b a r r i e r r e c t i f i e r s qw -jb018 suggested p ad layout size (inch) 0.169 (mm) 4.30 2.50 2.30 0.098 0.091 6.80 0.268 e 1.80 0.071 a b c d d o - 2 1 4 a a ( s m b ) a b c e d standard packaging c a s e t y p e 3 , 0 0 0 r e e l ( p c s ) reel size (inch) 1 3 r e e l p a c k d o - 2 1 4 a a ( s m b ) part number marking code marking code cdbb140-hf cdbb160-hf cdbb1 100-hf 140 160 1 100 c xxx comchip logo pkg sma smb smc a b c product type marking code package : oo x x schottky diode special code blank l ll oo sl others low vf ultra low vf super low vf b cathod band xxx/xxxx = product type marking code company reserves the right to improve product design , functions and reliability without notice.


▲Up To Search▲   

 
Price & Availability of CDBB1100-HF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X